PART |
Description |
Maker |
MC14020BCP MC14020BF MC14020BFEL MC14020 MC14020B |
14-Bit Binary Counter 14位二进制计数 14-Bit Binary Counter 4000/14000/40000 SERIES, ASYN NEGATIVE EDGE TRIGGERED 14-BIT UP BINARY COUNTER, PDSO16
|
ONSEMI[ON Semiconductor]
|
5962-8871001SA 5962-8871001SX |
8-Bit Binary, Programmable, RC Timer Counter 身份比较 Identity Comparator
|
Electronic Theatre Controls, Inc.
|
TC74HC40102AF TC74HC40102AP TC74HC40103AF TC74HC40 |
From old datasheet system DUAL BCD/8-BIT BINARY PROGRAMMABLE DOWN COUNTER
|
TOSHIBA[Toshiba Semiconductor]
|
UM236 UM234 UM213 UM238M UM241 UM221M UM202 UM203 |
12 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS Synchronous presettable 4-bit counter OCTAL COUNTER WITH 8 DECODED OUTPUTS DECADE COUNTERS/DIVIDERS WITH DECODED 7 SEGMENT DISPLAY OUTPUTS 4 bit synchronous up/down counters Quad exclusive NOR gate Low cost field programmable microcontroller peripherals DIFFERENTIAL 4 CHANNLE ANALOG MULTIPLEXER DEMULTIPLEXER N-CHANNEL 600V 0.85 Ohm 7A TO-220/TO-220FP POWERMESH II MOSFET Octal bus buffer with 3 state outputs (non inverted) Octal bus buffer with 3 state outputs (not inverted) Octal bus buffer with with 3 state outputs (non inverted) 8-bit MCU with Flash or ROM memory, ADC, two 16-bit timers, I2C, SPI, SCI interfaces 5V range 8-bit MCU with 8 to 32K Flash, 10-bit ADC, 4 timers, SPI, SCI interface QUAD 2 INPUT AND GATE 5 bit programmable dual-phase controller 5 bit programmable step down controller with synchronous rectification Quad 2 channel multiplexer (inv.) 12 stage binary counter High-voltage high and low side driver
|
|
HCTS93D HCTS93DMSR HCTS93HMSR HCTS93K HCTS93KMSR H |
Radiation Hardened 4-Bit Binary Ripple Counter HCT SERIES, ASYN NEGATIVE EDGE TRIGGERED 3-BIT UP BINARY COUNTER, CDFP14 3 dB 90 Card Couplers From old datasheet system
|
Intersil, Corp. Hirose Electric INTERSIL[Intersil Corporation]
|
HD151012 |
8-bit Binary Programmable Counter with Synchronous Preset Enable
|
HITACHI[Hitachi Semiconductor]
|
MC100EP016FAG MC10EP016FAR2G MC100EP016MNG MC10EP0 |
3.3V / 5V ECL 8−Bit Synchronous Binary Up Counter 100EP SERIES, SYN POSITIVE EDGE TRIGGERED 8-BIT UP BINARY COUNTER, PQFP32 3.3V / 5V ECL 8−Bit Synchronous Binary Up Counter 10E SERIES, SYN POSITIVE EDGE TRIGGERED 8-BIT UP BINARY COUNTER, PQFP32 ECL 8-Bit Synchronous Binary Up Counter
|
ON Semiconductor
|
CD4060BCNNL |
14-Stage Ripple Carry Binary Counters 4000/14000/40000 SERIES, ASYN NEGATIVE EDGE TRIGGERED 14-BIT UP BINARY COUNTER, PDIP16
|
Fairchild Semiconductor, Corp.
|
MC54-74HC390 MC54HC390J MC74HC390D MC74HC390N MC54 |
Dual 4-Stage Binary Ripple Counter with ±2 and ±5 Sections HC/UH SERIES, ASYN NEGATIVE EDGE TRIGGERED 3-BIT UP DECADE COUNTER, PDIP16 Dual 4-Stage Binary Ripple Counter with ±2and ±5 Sections Dual 4-Stage Binary Ripple Counter with ÷2 and ÷5 Sections Dual 4-Stage Binary Ripple Counter with 2and 5 Sections DUAL 4-STAGE BLNARY RIPPLE COUNTER WITH *2 AND * 5 SECTIONS From old datasheet system Dual 4-Stage Binary Ripple Counter with and Sections Dual 4-Stage Binary Ripple Counter with 2 and 5 Sections High-Performance Silicon-Gate CMOS Dual 4-Stage Binary Ripple Counter with and Sections
|
Motorola, Inc. MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
74HCT4020BQ 74HC4020D |
14-stage binary ripple counter HCT SERIES, ASYN NEGATIVE EDGE TRIGGERED 14-BIT UP BINARY COUNTER, PQCC16
|
NXP Semiconductors N.V.
|
TC74HC592AF TC74HC592AP E004892 TC74HC592 |
8-BIT BINARY COUNTER WITH INPUT REGISTER From old datasheet system 8-BIT BINARY COUNTER WITH INPUT REGISER
|
Toshiba Semiconductor
|
HD74HC4060 HD74HC4060P |
COUNTER|UP|14-BIT BINARY|HC-CMOS|DIP|16PIN|PLASTIC 14-stage Binary Counter
|
Hitachi Semiconductor
|